công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT3471 bảng dữ liệu(PDF) 4 Page - Linear Technology

tên linh kiện LT3471
Giải thích chi tiết về linh kiện  Dual 1.3A, 1.2MHz Boost/Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT3471 bảng dữ liệu(HTML) 4 Page - Linear Technology

  LT3471 Datasheet HTML 1Page - Linear Technology LT3471 Datasheet HTML 2Page - Linear Technology LT3471 Datasheet HTML 3Page - Linear Technology LT3471 Datasheet HTML 4Page - Linear Technology LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3471
4
3471fb
FB1N (Pin 1): Negative Feedback Pin for Switcher 1.
Connect resistive divider tap here. Minimize trace area at
FB1N. Set VOUT = VFB1P(1 + R1/R2), or connect to ground
for inverting topologies.
FB1P (Pin 2): Positive Feedback Pin for Switcher 1. Connect
either to VREF or a divided down version of VREF, or connect
to a resistive divider tap for inverting topologies.
VREF (Pin 3): 1.00V Reference Pin. Can supply up to
1mA of current. Do not pull this pin high. Must be locally
bypassed with
no less than 0.01μF and no more than 1μF.
A 0.1μF ceramic capacitor is recommended. Use this pin
as the positive feedback reference or connect a resistor
divider here for a smaller reference voltage.
FB2P (Pin 4): Same as FB1P but for Switcher 2.
FB2N (Pin 5): Same as FB1N but for Switcher 2.
SW2 (Pin 6): Switch Pin for Switcher 2 (Collector of in-
ternal NPN power switch). Connect inductor/diode here
and minimize the metal trace area connected to this pin
to minimize EMI.
SHDN/SS2 (Pin 7): Shutdown and Soft-Start Pin. Tie to
1.8V or more to enable device. Ground to shut down. Soft-
start function is provided when the voltage at this pin is
ramped slowly to 1.8V with an external RC circuit.
VIN (Pin 8): Input Supply. Must be locally bypassed.
SHDN/SS1(Pin9):SameasSHDN/SS2butforSwitcher 1.
Note: taking either SHDN/SS pin high will enable the part.
Each switcher is individually enabled with its respective
SHDN/SS pin.
SW1 (Pin 10): Same as SW2 but for Switcher 1.
Exposed Pad (Pin 11): Ground. Connect directly to local
ground plane. This ground plane also serves as a heat
sink for optimal thermal performance.
TYPICAL PERFORMANCE CHARACTERISTICS
Oscillator Frequency
vs Temperature
Peak Switch Current
vs SHDN/SS Voltage
Start-Up Waveform
(Figure 2 Circuit)
TEMPERATURE (°C)
–50
1.00
1.05
1.15
1.20
1.25
1.50
1.35
0
50
75
3471 G07
1.10
1.40
1.45
1.30
–25
25
100
125
VSHDN/SS (V)
0
1.2
1.6
2.0
1.6
3471 G08
0.8
0.4
1.0
1.4
1.8
0.6
0.2
0
0.4
0.2
0.8
0.6
1.2 1.4
1.8
1
2.0
TA = 25°C
0.5ms/DIV
3471 G09
ISUPPLY
1A/DIV
VOUT1
2V/DIV
VOUT2
5V/DIV
CONTROL 1
AND 2
5V/DIV
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com