| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD16754 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD16754 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 21 page ![]() Data Sheet S16434EJ1V0DS 11 µµµµPD16754 8. RELATIONSHIP BETWEEN STB, CLK, AND OUTPUT WAVEFORM The output voltage is written to the LCD panel synchronized with the STB falling edge. Figure 8 −−−−1. Output Circuit Block Diagram SW1 Sn (Vx) DAC Output Amp. − + SW1 switches according to the level of STB signal. STB = L: SW = ON STB = H: SW = OFF Figure 8 −−−−2. Output Circuit Timing Chart CLK STB Sn (VX) tSTB-CLK SW1: OFF Hi-Z [1] [1'] STB = H is loaded with the rising edge of CLK [1]. However, when not satisfying the specification of tSTB-CLK, STB = H is loaded with the rising edge of the next CLK [1’]. Latch operation of display data is completed with the falling edge of the next CLK which loaded STB = H. Therefore, in order to complete latch operation of display data, it is necessary to input at least 2CLK in STB = H period. |