| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD16907 bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD16907 bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 24 page ![]() Preliminary Product Information S16949EJ1V0PM 19 µ PD16907 10. PACKAGE DRAWING P 0.08MIN. 0.08MIN. Lp S S B A B y1 S S f x4 A S y B S t x4 c2 A c A2 A1 c1 b1 b A e P D D/2 /2 4 −C0.5 36 25 112 37 24 48 13 HD HD ZE ZD D E f HD HE t A A1 A2 b b1 c c1 c2 e Lp x y y1 ZD ZE 0.64 0.23 ±0.05 0.50 0.05 0.08 0.10 0.625 0.625 0.20 ±0.03 0.14 ∼0.16 ITEM DIMENSIONS 0.17 0.40 ±0.10 0.14 ∼0.20 6.75 6.75 0.20 7.00 7.00 0.20 0.67 0.03 P48K9-50-5B4-1 48-PIN PLASTIC WQFN (7x7) part terminal section detail of S x b M B A +0.08 −0.04 +0.02 −0.025 (UNIT:mm) NOTES 1 "t" AND "f" EXCLUDES MOLD FLASH 2 ALTHOUGH THERE ARE 4 TERMINALS IN THE CORNER PART OF A PACKAGE, THESE TERMINALS ARE NOT DESIGNED FOR INTERCONNECTION, BUT FOR MANUFACTURING PROCESS OF THE PACKAGE, THEREFOR DO NOT INTEND TO SOLDER THESE 4 TERMINALS, SOLDERABLITY OF THE 4 TERMINALS ARE NOT GUARANTEED. |