| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0501 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0501 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 19 page ![]() UM0501 Demonstration applications Doc ID 14320 Rev 3 17/23 Figure 19. Reading 512 bytes from the MicroSD card 2.12 GAME demo This little game is a kind of “fruit machine”. When you press SEL the numbers start rolling. Use the KEY button to stop each number. The first time the KEY button is pressed it stops the first number, then the second number, etc. You hit the jackpot if you get 4 identical numbers (see Figure 20). Figure 20. Hitting the jackpot If you get 3 or 2 identical numbers you win a consolation prize (see Figure 21). Figure 21. Winning a consolation prize If all the numbers are different, you lose (see Figure 22). Figure 22. Losing the game UP: Press the joystick UP to exit this menu. LEFT or RIGHT to see data Addr: 0x0001 Data: 0x01 5 5 5 5 JACKPOT : 10000$ 7 7 8 6 You Win : 10$! 1 2 3 4 YOU LOSE :-( |