| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0459 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0459 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 29 page ![]() UM0459 Controller area network (CAN) routines 11/29 2.2.2 CAN_EnterInitMode function 2.2.3 CAN_LeaveInitMode function Table 5. CAN_EnterInitMode function description Function CAN_EnterInitMode Prototype void CAN_EnterInitMode(CAN_TypeDef* CAN, u16 Mask) Behavior description Switches the CAN into initialization mode. This function must be used in conjunction with CAN_LeaveInitMode(). This function sets the INIT of the CAN cell and resets the CAN status register. Input parameter 1 CAN: pointer to the CAN1 or CAN2 CAN cell. Input parameter 2 Mask: any binary value resulting from the following (Refer to the CAN control register definition): – CAN_CR_EIE: CAN Error Interrupt Enable – CAN_CR_SIE: CAN Status Interrupt Enable – CAN_CR_IE: CAN Interrupt Enable – CAN_CR_ DAR: CAN Disable Automatic retransmission – CAN_CR_CCE: CAN Configuration Enable – CAN_CR_TEST: Enable CAN test mode Output parameter None Return value None Required preconditions None Called functions None Table 6. CAN_LeaveInitMode function description Function CAN_LeaveInitMode Prototype void CAN_LeaveInitMode(CAN_TypeDef* CAN) Behavior description Leaves initialization mode (switch into normal mode) by clearing INIT and CCE bits in the CAN control register. This function must be used in conjunction with CAN_EnterInitMode(). Input parameter CAN: pointer on the CAN cell CAN1 or CAN2 Output parameter None Return value None Required preconditions None Called functions None |