| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0290 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0290 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 76 page ![]() STR7/STR9 USB firmware library UM0290 22/76 pInformation->Ctrl_Info.CopyData = CopyRoutine; pInformation->Ctrl_Info.Usb_wOffset = 0; (*CopyRoutine)(0); return USB_SUCCESS; } /*End of Class_Data_Setup */ 1.4.3 How to manage data transfers in a non-control endpoint The management of data transfer using a pipe other than the default one (Endpoint 0) can be managed in the file usb_endpoint.c. The user has to uncomment the line corresponding to the endpoint (with direction) in the file usb_conf.h. |