| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0248 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0248 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 26 page ![]() ENET firmware library UM0248 14/26 2.2.4 ENET_MIIReadReg 2.2.5 ENET_RxDscrInit The ENET driver provides the capability to work with single memory buffer or multiple memory buffers for frame reception. This allows selecting the appropriate configuration for each type of application. The number of buffers is defined in the 91x_enet.h file: #define ENET_RXBUFNB Example: /* Define 8 Rx buffers */ #define ENET_RXBUFNB8 Function name ENET_MIIReadReg Function prototype u32 ENET_MIIReadReg(u8 phyDev, u8 phyReg) Behavior description Reads a value from PHY register Input parameter 1 phyDev: PHY register address Input parameter 2 phyReg: register address Output parameter None Return parameter phyReg value Required preconditions None Called functions None Function name ENET_RxDscrInit Function prototype void ENET_RxDscrInit(void) Behavior description Initializes ENET DMA Rx descriptors in memory Input parameter None Output parameter None Return parameter None Required preconditions None Called functions None |