công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD16704 bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện PD16704
Giải thích chi tiết về linh kiện  240-OUTPUT TFT-LCD GATE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16704 bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button PD16704_15 Datasheet HTML 5Page - Renesas Technology Corp PD16704_15 Datasheet HTML 6Page - Renesas Technology Corp PD16704_15 Datasheet HTML 7Page - Renesas Technology Corp PD16704_15 Datasheet HTML 8Page - Renesas Technology Corp PD16704_15 Datasheet HTML 9Page - Renesas Technology Corp PD16704_15 Datasheet HTML 10Page - Renesas Technology Corp PD16704_15 Datasheet HTML 11Page - Renesas Technology Corp PD16704_15 Datasheet HTML 12Page - Renesas Technology Corp PD16704_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet S15809EJ1V0DS
7
µµµµ PD16704
3. PIN FUNCTIONS
(1/2)
Pin Symbol
Pin Name
Pad No
I/O
Description
O1 to O240
Driver output
294 - 55
Output
These pins output scan signals that drive the vertical direction (gate lines) of
a TFT-LCD. The output signals change in synchronization with the rising
edge of shift clock CLK. The driver output amplitude is VDD2 to VEE2.
R,/L
Shift direction
select input
18, 19
Input
R,/L = H (right shift) : STV
→ O1 → O240
R,/L = L (left shift) : STV
→ O240 → O1
STV
Start pulse
input/output
20, 21
I/O
This is the input of the internal shift register. The start pulse is written at the
rising edge of shift clock CLK. The pulse range is less than one cycle of
CLK. The input level is a VDD1 to VSS (logic level).
CLK
Shift clock input
22, 23
Input
This pin inputs a shift clock to the internal shift register.
The shift operation is performed in synchronization with the rising edge of
this input.
OE
Output enable
input
26, 27
Input
When this pin goes low level, the driver output is fixed to VEE2 level.
The shift register is not cleared. Refer to 4. TIMING CHART for details.
DS
Double scan
control input
16, 17
Input
This pin outputs scan signals simultaneously from two outputs in
synchronization with the rise of CLK when DS = H is written. Refer to 4.
TIMING CHART for details.
DSOE
Double scan pulse
width control input
28, 29
Input
This pin controls the fall timing of one of the scan signals (the output side in
normal scan mode) when the DS signal is used to output scan signals
simultaneously from two outputs. This signal is input asynchronously to the
clock. Refer to 4. TIMING CHART for details.
VCC,
VCCC
IC internal
reference voltage
34, 35,
36, 37
–
Short the VCC pin to the VCCC pin so that these pins are in a floating state.
TEST1,
TEST2
TEST pins
1, 2,
47, 48
–
Short TEST1 and TEST2 separately inside the IC. These pins are not
connected to any other pins inside the IC.
Dummy
Dummy pin
11, 24, 25, 38,
49, 50, 54,
295, 299, 300
–
No dummy pins are connected to any other pins inside the IC.
VDD1
Logic power
supply
12 - 15
–
3.3
± 0.3 V
VDD2
Driver positive
power supply
51 - 53,
296 - 298
–
15 to 25 V
The driver output: high level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com