| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD16650 bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD16650 bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp |
|
9 / 14 page ![]() µPD16650 7 TIMING CHART (MC = VCC, 120-OUTPUT MODE, AND R/L = VCC) X1 at the next stage X2 at the next stage STVL (STVR) X128 X127 X3 X2 X1 STVR (STVL) φ X 1 2 3 119 120 121 122 Cautions 1. Do not change all outputs simultaneously, because such a sequence may result in malfunc- tion. 2. The output sequence in the 120-output mode is as follows: STVR (STVL) → X1 → X2 ... X60 → X69 ... X127 → X128 → STVL (STVR) |