công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM0075 bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện PM0075
Giải thích chi tiết về linh kiện  STM32F10xxx Flash memory microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0075 bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button PM0075 Datasheet HTML 11Page - STMicroelectronics PM0075 Datasheet HTML 12Page - STMicroelectronics PM0075 Datasheet HTML 13Page - STMicroelectronics PM0075 Datasheet HTML 14Page - STMicroelectronics PM0075 Datasheet HTML 15Page - STMicroelectronics PM0075 Datasheet HTML 16Page - STMicroelectronics PM0075 Datasheet HTML 17Page - STMicroelectronics PM0075 Datasheet HTML 18Page - STMicroelectronics PM0075 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
PM0075
Reading/programming the embedded Flash memory
Doc ID 17863 Rev 2
15/31
Figure 2.
Flash memory Page Erase procedure
Mass Erase
The Mass Erase command can be used to completely erase the user pages of the Flash
memory. The information block is unaffected by this procedure. The following sequence is
recommended:
●
Check that no Flash memory operation is ongoing by checking the BSY bit in the
FLASH_SR register
●
Set the MER bit in the FLASH_CR register
●
Set the STRT bit in the FLASH_CR register
●
Wait for the BSY bit to be reset
●
Read all the pages and verify
Read FLASH_CR_LOCK
FLASH_CR_LOCK
= 1
Yes
No
Yes
No
Perform unlock sequency
Write into FAR an address
within the page to erase
Write FLASH_CR_PER to 1
Write FLASH_CR_STRT to 1
FLASH_SR_BSY
= 1
Check the page is erased by
reading all the addresses in
the page
ai14305c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31