| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0018 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0018 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 10 page ![]() ST7 Flash Programming Device specific information 5/10 Table 3. Implemented ICC features in ST7 devices Devices ICC monitor Embedded ICC applications ICC mode entry Window type Pulse ICP IAP ICT ICD Pulse counter reset pin Pin Number DM Ext. clock Appli clock ST7FLITE0/ST7FL0, ST7FLITES2/S5(1) basic X X X X Controlled ICCCLK (2) ICCDATA 35 38 ST7FLITE2/1/ST7DALI advanced X X X X 1 ST7FLITE4M/3/1B, ST7FL3/1B advanced X X X X 1 38(3) ST7FLITEUS(4), ST7LITEU0 advanced X X X X 1 38 (5) ST72F34x (6) advanced X X X X 1 ICCSEL (7) 38 ST72F26x advanced X X X X 38 (8) ST7226x(9) medium X 38 ST72F561/F361 basic X X X X ST7FHUB basic X X X X 1 38 (10) ST72F325/F321B basic X X X 1 36 39 ST72F321/F521 ST72F324BJ6/K6 basic X X X ST7232x/521(9) (incl. L and B versions) medium X ST72F32A ST72F324L ST72F324BJ2/J2 ST72F324BK4/K4 basic X X X Not supported ST72F60x/F62x/F63x/ F63Bx/ST7FSCR basic X X X Fixed 256.tCPU Not applicable ICCSEL 38 (10) ST72F651(1) basic X X X ST7260/61x/62x/63x/ 63Bx/65/ ST7SCR(9) medium X ST7FMC basic X X X X 1 Controlled VPP/ ICCSEL(7) ICCDATA 38(11) 1. For these devices, the ST7 has to enter external clock mode in order to be able to reprogram devices with hardware watchdog enabled. Refer to the External Clock/Application Clock ICC modes section of the ICC protocol reference manual for more details. 2. The pulse counter is reset when RESET is low and ICCCLK is high. 3. In 38-pulse ICC mode, the internal RC oscillator is forced as a clock source, regardless of the selection in the option byte. |