| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3431 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3431 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 18 page ![]() How to combine proximity detection with PresSense AN3431 14/18 Doc ID 019017 Rev 1 3 How to combine proximity detection with PresSense(b) A proprietary technique exists which detects proximity events as a user approaches. The big advantage of this technique is that backlighting can be illuminated as the user approaches even before the actual touch event. This unique feature is implemented in PresSense capacitive sensing technologies with limited external components. For proximity event detection the conductive metal cover is connected to a capacitive sensing channel of the touch sensing microcontroller device. The connection is shown in Figure 7. After proximity detection has taken place the metal layer is grounded and a touch can be detected. If no touch occurs after a given amount of time or if the detection of the touch ends, the connection is switched back to the proximity detection. Figure 7. Proximity detection b. This technology is patent pending. |