công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3397 bảng dữ liệu(PDF) 22 Page - STMicroelectronics

tên linh kiện AN3397
Giải thích chi tiết về linh kiện  Temperature sensor example using the STM8L-DISCOVERY board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3397 bảng dữ liệu(HTML) 22 Page - STMicroelectronics

Back Button AN3397 Datasheet HTML 16Page - STMicroelectronics AN3397 Datasheet HTML 17Page - STMicroelectronics AN3397 Datasheet HTML 18Page - STMicroelectronics AN3397 Datasheet HTML 19Page - STMicroelectronics AN3397 Datasheet HTML 20Page - STMicroelectronics AN3397 Datasheet HTML 21Page - STMicroelectronics AN3397 Datasheet HTML 22Page - STMicroelectronics AN3397 Datasheet HTML 23Page - STMicroelectronics AN3397 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Conclusion
AN3397
22/24
Doc ID 018809 Rev 1
4
Conclusion
The built-in TS in STM8L15xxx devices can be used for many applications requiring a
measurement of temperature.
The example application provided in this application note describes how to configure the TS
peripheral, and includes a description of the calibration technique. This example is a starting
point for users who want to develop their own TS applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24