| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3394 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3394 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 29 page ![]() Main criteria for key antenna design AN3394 18/29 Doc ID 018754 Rev 5 4 Main criteria for key antenna design The following sections explain how to determine the antenna dimensions for a given value of antenna inductance (L). 4.1 Inductance of a circular antenna Equation 1 , where: ● r is the radius in millimeters ● r0 is the wire diameter in millimeters ● N is the number of turns ● µ0 = 4π · 10 –7 H/m ● Lant is expressed in Henry 4.2 Inductance of a spiral antenna Equation 2 , where: ● dant is the mean antenna diameter in millimeters ● c is the thickness of the winding in micrometers ● N is the number of turns ● µ0 = 4π · 10 –7 H/m ● Lant is expressed in Henry Figure 17. Spiral antenna L ant μ 0 N 1.9 r × r r 0 ---- ⎝⎠ ⎛⎞ ln × × = L ant 31.33 μ 0 × N 2 × d ant 8d ant 11c + ------------------------------ × = |