| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3364 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3364 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 17 page ![]() How to migrate across STM32 series AN3364 14/17 Doc ID 018608 Rev 3 Table 5. STM32 peripheral compatibility analysis F1 versus L1 series Peripheral F1 series L1 series Compatibility Comments Pinout SW compatibility SPI Yes Yes No I2S in L1 Medium-density series L1 vs. F1: limitation fix Identical Full compatibility WWDG Yes Yes Same features NA Full compatibility IWDG Yes Yes Same features NA Full compatibility DBGMCU Yes Yes Same features NA Full compatibility CRC Yes Yes Same features NA Full compatibility EXTI Yes Yes Same features Identical Full compatibility USB FS Device Yes Yes Same features Identical Full compatibility DMA Yes Yes Same features NA Full compatibility TIM Yes Yes Same features Identical Full compatibility SDIO Yes Yes Same features Identical Full compatibility FSMC Yes Yes Same features but only SRAM/NOR memories are supported Identical Full compatibility PWR Yes Yes+ Enhancement NA Full compatibility for the same feature RCC Yes Yes+ Enhancement NA Partial compatibility USART Yes Yes+ Limitation fix / One Sample Bit method / Oversampling by 8 Identical Full compatibility I2C Yes Yes+ Limitation fix Identical Full compatibility DAC Yes Yes+ DMA underrun interrupt Identical Full compatibility ADC Yes Yes++ New peripheral Identical Partial compatibility RTC Yes Yes++ New peripheral Identical for the same feature Not compatible FLASH Yes Yes++ New peripheral NA Not compatible GPIO Yes Yes++ New peripheral Identical Not compatible CAN Yes NA NA NA NA CEC Yes NA NA NA NA Ethernet Yes NA NA NA NA |