| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3359 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3359 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 28 page ![]() AN3359 Radiation pattern, 2-D visualization Doc ID 018585 Rev 1 19/28 Figure 16. Far field radiation pattern plotted on X-Y plane For a vertically orientated dipole, this pattern is equivalent to the vertical radiation. Note that the "dips" (between -10 and -14 dB) are much less critical than for the dipole. |