| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3311 bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3311 bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 58 page ![]() In-home display GUI application AN3311 38/58 Doc ID 18209 Rev 1 8 In-home display GUI application If the ZigBee dongle is not connected or the resistors R79, R84, and R169 have not been removed from the STM3210C-EVAL, the following screen is shown: Figure 13. ZigBee dongle connection problem After a board reset, if the firmware is correctly loaded into the Flash memory and the board power is correctly supplied, the main screen is displayed as shown in Figure 14. Figure 14. Main menu |