| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3262 bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3262 bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 27 page ![]() AN3262 Bootloader command set Doc ID 17845 Rev 2 15/27 Figure 17. READ MEMORY command (device side) 1. RM = READ MEMORY command. The last ACK/NACK is sent before the data block to be read within the same 802.15.4 packet payload (while other ACK/NACKs are sent in independent packets). Ai14638 ROP active Receive the start address (4 bytes) with checksum Checksum OK? End of RM(1) Start RM(1) Receive the number of bytes to be read (1 byte) and a checksum (1 byte) Address valid & checksum OK? Send data to the host Received byte = 0x11+0xEE Send ACK byte Send ACK byte Send ACK byte Send NACK byte No Yes No Yes No Yes No Yes |