công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3250 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện AN3250
Giải thích chi tiết về linh kiện  M24LR64-R Multi-bank reference design description and settings
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3250 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button AN3250 Datasheet HTML 8Page - STMicroelectronics AN3250 Datasheet HTML 9Page - STMicroelectronics AN3250 Datasheet HTML 10Page - STMicroelectronics AN3250 Datasheet HTML 11Page - STMicroelectronics AN3250 Datasheet HTML 12Page - STMicroelectronics AN3250 Datasheet HTML 13Page - STMicroelectronics AN3250 Datasheet HTML 14Page - STMicroelectronics AN3250 Datasheet HTML 15Page - STMicroelectronics AN3250 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Setting up a Multi-Bank application
AN3250
12/16
Doc ID 17761 Rev 1
3.2
Setting up the Multi-Bank design
When setting up a multi-bank design, there are different ways to allocate (identify) the banks
depending on whether a microcontroller only, an RFID reader only or both a microcontroller
and an RFID reader are available during Multi-Bank programming.
3.2.1
Microcontroller only is available during setup
When only the microcontroller (I²C only) is available to program the Multi-Bank setting
information, it addresses each M24LR64-R device separately and stores the corresponding
UID in its volatile memory.
Figure 11.
Once the UIDs of the 4 devices are read, the Microcontroller programs the 4 UIDs at the end
of Bank #3, which is addressed with E0=E1=1.
●
Program UID of Bank (E0=0, E1=0) at address 0x07F8 and 0x07F9
●
Program UID of Bank (E0=1, E1=0) at address 0x07FA and 0x07FB
●
Program UID of Bank (E0=0, E1=1) at address 0x07FC and 0x07FD
●
Program UID of Bank (E0=1, E1=1) at address 0x07FE and 0x07FF
Ai18134
UID
UID
UID
UID
DSFID
DSFID
DSFID
DSFID
Bank
Bank
Bank
Bank
E0 = 0, E1 = 0
( = Bank 0)
E0 = 1, E1 = 0
( = Bank 1)
E0 = 0, E1 = 1
( = Bank 2)
E0 = 1, E1 = 1
( = Bank 3)
Microcontroller or ASIC
UID0 (E0 = 0, E1 = 0)
UID1 (E0 = 1, E1 = 0)
UID2 (E0 = 0, E1 = 1)
UID3 (E0 = 1, E1 = 1)
E0E1/UID
Mapping
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16