công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3248 bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện AN3248
Giải thích chi tiết về linh kiện  Using STM32L1 analog comparators in application cases
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3248 bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button AN3248 Datasheet HTML 9Page - STMicroelectronics AN3248 Datasheet HTML 10Page - STMicroelectronics AN3248 Datasheet HTML 11Page - STMicroelectronics AN3248 Datasheet HTML 12Page - STMicroelectronics AN3248 Datasheet HTML 13Page - STMicroelectronics AN3248 Datasheet HTML 14Page - STMicroelectronics AN3248 Datasheet HTML 15Page - STMicroelectronics AN3248 Datasheet HTML 16Page - STMicroelectronics AN3248 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AN3248
Brightness control using a light dependent resistor (LDR)
Doc ID 17758 Rev 3
15/17
The top part of Figure 13 shows the evolution of VIN as a function of light variation. The
selected threshold (COMP2 inverting input) defines the limit of dark/light. The bottom part of
Figure 13 shows that COMP2 output (CMP2OUT) level depends on VIN and consequently
on light intensity. Using EXTI line 22 (which is internally connected to CMP2OUT), the
microcontroller can detect the CMP2OUT level switch (from a high level to a low level or vice
versa).
Figure 13.
Comparator output behavior versus light intensity
The LDR resistor can be used in other microcontroller-based applications rather than
darkness control (for example: DC relay control and AutoFocus).
For other uses of analog comparators using LDR resistors, refer to the STM32L152-EVAL
(for STM32L1xx Ultra Low Power Medium-density devices) or to STM32L152D-EVAL (for
STM32L1xx Ultra Low Power High-density devices) demonstration firmware. In this
demonstration, the LCD glass contrast is adjusted according to the luminosity detected
using the LDR resistor.
Threshold
Time
Time
Low level
High level
Dark
Light
Light
VIN > threshold
VIN < threshold
VIN
Microcontroller enters
Low power mode
Microcontroller exits
Low power mode
CMP2OUT
EXTI22
ai18729



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com