| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3208 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3208 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 19 page ![]() AN3208 Driving stepper motors using STM8A and STM8S microcontrollers Doc ID 17411 Rev 1 11/19 The current in the motor windings is controlled by varying the PWM duty cycle values. The PWM duty cycle for each microstep depends on the phase angle of currents in the two windings. The duty cycles of Table 1 are calculated using the current waveforms of Figure 10. The same table can be generated for other motors using the same method. For more details about duty cycle calculation see Section 5.2: Software description. Note: Table 1 shows theoretical duty cycle values. Contact the stepper motor supplier for exact/customized values. Table 1. PWM duty cycles for an M-S motor Step no. Step angle (°) Phase angle (°) coil 1 Phase angle (°) coil 2 Sine value (°) coil 1 Sine value (°) coil 2 PWM duty cycle (%) coil 1 PWM duty cycle (%) coil 2 1 0 60 120 0.87 0.87 87 87 2 15 75 135 0.97 0.71 97 71 3 30 90 150 1.00 0.50 100 50 4 45 105 165 0.97 0.26 97 26 5 60 120 180 0.87 0.00 87 0 6 75 135 195 0.71 -0.26 71 26 7 90 150 210 0.50 -0.50 50 50 8 105 165 225 0.26 -0.71 26 71 9 120 180 240 0.00 -0.87 0 87 10 135 195 255 -0.26 -0.97 26 97 11 150 210 270 -0.50 -1.00 50 100 12 165 225 285 -0.71 -0.97 71 97 13 180 240 300 -0.87 -0.87 87 87 14 195 255 315 -0.97 -0.71 97 71 15 210 270 330 -1.00 -0.50 100 50 16 225 285 345 -0.97 -0.26 97 26 17 240 300 360 -0.87 0.00 87 0 18 255 315 15 -0.71 0.26 71 26 19 270 330 30 -0.50 0.50 50 50 20 285 345 45 -0.26 0.71 26 71 21 300 360 60 0.00 0.87 0 87 22 315 15 75 0.26 0.97 26 97 23 330 30 90 0.50 1.00 50 100 24 345 45 105 0.71 0.97 71 97 25 360 60 120 0.87 0.87 87 87 |