công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3143 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện AN3143
Giải thích chi tiết về linh kiện  Audio software codec for the STM8S
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3143 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button AN3143 Datasheet HTML 5Page - STMicroelectronics AN3143 Datasheet HTML 6Page - STMicroelectronics AN3143 Datasheet HTML 7Page - STMicroelectronics AN3143 Datasheet HTML 8Page - STMicroelectronics AN3143 Datasheet HTML 9Page - STMicroelectronics AN3143 Datasheet HTML 10Page - STMicroelectronics AN3143 Datasheet HTML 11Page - STMicroelectronics AN3143 Datasheet HTML 12Page - STMicroelectronics AN3143 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN3143
Conclusion
Doc ID 17011 Rev 1
11/13
4
Conclusion
This application note offers an easy-to-use application solution for the STM8S with good
quality audio/speech output. To adequately reduce memory space which allows an audio
bitstream to be stored, an IMA ADPCM codec is implemented. Short audio clips can be
stored directly in the internal program memory. To store long length audio clips, an external
memory is needed. The SD card was used as an example in this application note.
The STM8S audio output solution was developed with the aim to limit external components.
This solution benefits from the STM8S timer with dual PWM output to reach 16-bit
resolution.
5
References
IMA Digital Audio Focus and Technical Working Group, Recommended Practices for
Enhancing Digital Audio Compatibility in Multimedia Systems, revision 3.00, October 21,
1992. No longer available on http://www.ima.org.
Maël Hörz, HxD, revision 1.7.7.0 - hexa editor, http://mh-nexus.de.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13