công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3123 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện AN3123
Giải thích chi tiết về linh kiện  Using the UART interfaces in the SPEAr embedded MPU family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3123 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button AN3123 Datasheet HTML 10Page - STMicroelectronics AN3123 Datasheet HTML 11Page - STMicroelectronics AN3123 Datasheet HTML 12Page - STMicroelectronics AN3123 Datasheet HTML 13Page - STMicroelectronics AN3123 Datasheet HTML 14Page - STMicroelectronics AN3123 Datasheet HTML 15Page - STMicroelectronics AN3123 Datasheet HTML 16Page - STMicroelectronics AN3123 Datasheet HTML 17Page - STMicroelectronics AN3123 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
UART controller data flow
AN3123
14/30
Doc ID 16862 Rev 2
6
UART controller data flow
Figure 1.
UART controller data flow
Figure 1 illustrates how data flows from user space down to the hardware interfaces and
flows back up.
The reading and writing processes use the HAL functions which are exposed to the user.
Then the corresponding APIs of the UART hardware layer are called for the transmission
and reception of data. The direction of transmission and reception are as shown in Figure 1.
6.1
UART data registers
SPEAr300
Base Address for UART: 0xD0000000
SPEAr600
Base Address for UART1: 0xD0000000
Base Address for UART2: 0xD0080000
Offset Value: ‘h000
UART hardware (ARM Primecell PL011)
UART hardware abstraction layer (HAL)
User exposed layer
User applications
Receive ()
Transmit ()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30