| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3117 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3117 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 28 page ![]() AN3117 DMA programming examples Doc ID 16846 Rev 4 25/28 Transfer results are shown in Table 13. 4.6.3 Transfer example case 3: software priority configuration 2 of the DMA channels In this example, the software priority of the channels is updated as shown in Table 14 Figure 10. Example case 3: DMA channel data transfers as a function of time Table 13. Results of example case 2 Time RAM Buffer1 TIM1 ARRL TIM2 ARRL TIM3 ARRL TIM4 ARR RAM Buffer2 t0 0x00 0x11 0x22 0x33 0x44 0x55 t1 0x11 - - - - - t2 - - 0x11 - - - t3 - - - - - 0x44 t4 - - - 0x44 - - Result 0x11 0x11 0x11 0x44 0x44 0x44 Table 14. Example case 3: priority configuration of the DMA channels DMA channel HW priority SW priority Channel 0 Very high Medium Channel 1 High Very high Channel 2 Medium High Channel 3 Low Low time t0 t1 t2 t3 t4 ai17425 Hardware priority Channel 0 Channel 1 Channel 2 Channel 3 Transfer B Transfer C Transfer A Transfer D |