| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3099 bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3099 bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 13 page ![]() AN3099 DDR IBIS model selection Doc ID 16605 Rev 1 9/13 nDDR_MEM_DQS_1, DDR_MEM_DQ [15:0]. For all the other signals ODTEN = 0, ODTA = 1, ODTB = 1. 2.1 Example The setting of the registers DDR_PAD and MEMCTL_AHB_SET_02 is normally done at each system boot-up by the XLOADER part of the boot code. Let’s assume, as an example, that at the end of the boot operation the application reads these two registers and finds the following values: ● Register DDR_PAD (Address 0xFCA800F0) = 0x00003AA5. ● Register MEMCTL_AHB_SET_02 Register (Address 0xFC60002C) = 0x05000202. The correct model to be selected from the library with the above values is the following: Table 4. Relation between the DDR clock signals and the used model DDR block signal name IBIS model used for application board DDR_MEM_CLKP & DDR_MEM_CLKN BDCLK_R_IN_xxxxxxxx = BDCLK_R_IN_11000110 DDR_MEM_DQS_0 & nDDR_MEM_DQS_0 DDR_MEM_DQS_1 & nDDR_MEM_DQS_1 If READ => BDCLK_R_IN_xxxxxxxx = BDCLK_R_IN_11000101 If WRITE => BDCLK_R_IN_xxxxxxxx = BDCLK_R_IN_11000110 DDR_MEM_DQ[15,13,11,9,6,4,2,0] If READ => BDRES_GNDE_xxxxxxx = BDRES_GNDE_01001110 If WRITE => BDRES_GNDE_xxxxxxx = BDRES_GNDE_01001011 DDR_MEM_ADD[14,12,10,8,6,4,2,0] DDR_MEM_GATE_0 DDR_MEM_DM_1 DDR_MEM_CLKEN DDR_MEM_CS_1 DDR_MEM_ODT_1 DDR_MEM_BA_1 DDR_MEM_CAS BDRES_GNDE_xxxxxxx = BDRES_GNDE_01001011 DDR_MEM_DQ[14,12,10,8,7,5,3,1] If READ => BDRES_VDDE_xxxxxxx = BDRES_VDDE_01001110 If WRITE => BDRES_VDDE_xxxxxxx = BDRES_VDDE_01001011 DDR_MEM_ADD[13,11,9,7,5,3,1] DDR_MEM_GATE_1 DDR_MEM_DM_0 DDR_MEM_CS_0 DDR_MEM_ODT_0 DDR_MEM_BA_0 DDR_MEM_BA_2 DDR_MEM_RAS DDR_MEM_WE BDRES_VDDE_xxxxxxx = BDRES_VDDE_01001011 |