công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD703003GC-25 bảng dữ liệu(PDF) 1 Page - NEC

tên linh kiện UPD703003GC-25
Giải thích chi tiết về linh kiện  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD703003GC-25 bảng dữ liệu(HTML) 1 Page - NEC

  UPD703003GC-25 Datasheet HTML 1Page - NEC UPD703003GC-25 Datasheet HTML 2Page - NEC UPD703003GC-25 Datasheet HTML 3Page - NEC UPD703003GC-25 Datasheet HTML 4Page - NEC UPD703003GC-25 Datasheet HTML 5Page - NEC UPD703003GC-25 Datasheet HTML 6Page - NEC UPD703003GC-25 Datasheet HTML 7Page - NEC UPD703003GC-25 Datasheet HTML 8Page - NEC UPD703003GC-25 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
©
1997
DATA SHEET
µPD703003
MOS INTEGRATED CIRCUIT
The
µPD703003 is a member of the V850 FamilyTM of 32-bit single-chip microcontrollers designed for real-time
control operations. This microcontroller provides on-chip features, including a 32-bit CPU core, ROM, RAM, interrupt
controller, real-time pulse unit, a serial interface, an A/D converter, a D/A converter, and PWM signal units.
See the following manuals for a detailed description of this product’s functions. Be sure to use these
manuals as a reference for design.
V853 USER’S MANUAL, HARDWARE:
U10913E
V850 FAMILY USER’S MANUAL, ARCHITECTURE:
U10243E
FEATURES
• Number of instructions: 74
• Minimum instruction execution time
30 ns (during 33-MHz operation)
• General registers
32 bits
× 32 registers
• Instruction set optimized for control applications
•
On-chip memory
ROM: 128 Kbytes
RAM:
4 Kbytes
• Advanced on-chip interrupt controller
• Real-time pulse unit suitable for control operations
• Powerful serial interface (on-chip dedicated baud rate generator)
• On-chip clock generator
• 10-bit resolution A/D converter: 8 channels
• 8-bit resolution D/A converter: 2 channels
• 8/9/10/12-bit resolution PWM: 2 channels
• Power saving functions
APPLICATIONS
• AV: Video cameras, VCRs, etc.
• Office equipment: PPCs, LBPs, printers, etc.
• Industrial equipment: motor controllers, NC machine tools, etc.
• Communications equipment: Mobile telephones, etc.
V853TM
32/16-BIT SINGLE-CHIP MICROCONTROLLER
The mark
shows major revised points.
Document No. U12261EJ2V1DS00 (2nd edition)
Date Published April 1999 N CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Số phần tương tự - UPD703003GC-25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703003A RENESAS-UPD703003A Datasheet
455Kb / 45P
MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD703003AGC-25 NEC-UPD703003AGC-25 Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703003AGC-25 NEC-UPD703003AGC-25 Datasheet
32Kb / 4P
32-bit RISC Microcontrollers
UPD703003AGC-33 NEC-UPD703003AGC-33 Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Mô tả tương tự - UPD703003GC-25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3003A NEC-UPD70F3003A Datasheet
295Kb / 44P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC2230L INFINEON-XC2230L_15 Datasheet
2Mb / 112P
16/32-Bit Single-Chip Microcontroller
V1.3 2015-02
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
16/32-Bit Single-Chip Microcontroller
XC2268I INFINEON-XC2268I Datasheet
1Mb / 132P
16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2700 INFINEON-XC2700 Datasheet
1Mb / 62P
16/32-Bit Single-Chip Microcontroller
V1.7 2014-10
XC2788X INFINEON-XC2788X Datasheet
1Mb / 140P
16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com