công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2986 bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện AN2986
Giải thích chi tiết về linh kiện  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button AN2986 Datasheet HTML 10Page - STMicroelectronics AN2986 Datasheet HTML 11Page - STMicroelectronics AN2986 Datasheet HTML 12Page - STMicroelectronics AN2986 Datasheet HTML 13Page - STMicroelectronics AN2986 Datasheet HTML 14Page - STMicroelectronics AN2986 Datasheet HTML 15Page - STMicroelectronics AN2986 Datasheet HTML 16Page - STMicroelectronics AN2986 Datasheet HTML 17Page - STMicroelectronics AN2986 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AN2986
Proposed solutions
Doc ID 15727 Rev 1
15/18
3
Proposed solutions
3.1
MCU current capability
The maximum current through the I/O port of the MCU can exceed the maximum current
capability of the MCU. This is a hazardous state for the MCU and has to be prevented.
There are two principal solutions. The first solution is to use a buffer transistor (refer to
Figure 6). This transistor takes over the gate current and the MCU I/O port controls only the
base with current that is 50 to 100 times lower than the ACS/TRIAC gate current.
Figure 6.
Schematics of using buffer transistor
The second solution is to put the I/O ports in parallel. The maximum number of I/O ports that
can be paralled is limited by the application and MCU pin count. The maximum current must
also not exceed the maximum current capability of the MCU through the GND pin (150 mA
for STM32, 80 mA for STM8S with 3.3 V power supply or 160 mA for STM8S with 5 V power
supply).
3.2
Average current consumption
The average consumption shown in Table 2 is given for gate control lasting an entire period.
The consumption is in this case high. Contrary to the use of relay, it is possible to decrease
current consumption by reducing the gate pulse length which is useful when several
ACS/TRIACs are controlled at the same time (for example several small pumps or valves).
Refer to AN302 and AN303 for more information on TRIAC pulse gate control.
AM00458
MCUI/O
port
R6
10 K
Ω
R7
10 K
Ω
C4
10 nF
RG
G
+ VDD
+ VDD
A1/COM
A2/OUT
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com