công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2945 bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện AN2945
Giải thích chi tiết về linh kiện  Following the market launch of the award winning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2945 bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button AN2945 Datasheet HTML 10Page - STMicroelectronics AN2945 Datasheet HTML 11Page - STMicroelectronics AN2945 Datasheet HTML 12Page - STMicroelectronics AN2945 Datasheet HTML 13Page - STMicroelectronics AN2945 Datasheet HTML 14Page - STMicroelectronics AN2945 Datasheet HTML 15Page - STMicroelectronics AN2945 Datasheet HTML 16Page - STMicroelectronics AN2945 Datasheet HTML 17Page - STMicroelectronics AN2945 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AN2945
Software library
Doc ID 15468
15/18
Once you have understood the above operating principle and file organization, for simple
applications, you could virtually switch from one product to the other without referring to the
reference manual.
Let us take a practical example: an SPI peripheral configured in master mode, used to read
from/write to an external EEPROM.
Figure 4 and Figure 5 below show the initialization code (using the software library) for an
STM8S and an STM32 product, respectively.
Figure 4.
STM8S code example
Figure 5.
STM32 code example
All parameters are identical, and the procedure is similar with two function calls for both
configuration and startup. The main difference lies in the way the parameters are passed
into the function. STM32 devices use a structure passed by address whereas, for STM8S
devices, parameters are passed directly to minimize the amount of RAM needed during the
initialization phase (this is necessary with devices with down to 1 Kbyte of RAM).
Another difference is the possibility, when using STM32 devices, of specifying the data size
(8- or 16-bit) for the SPI. In the above example (Figure 5), the data size is explicitly defined,
however, the library is done so that it can be omitted: if this field is not initialized in the
structure, the 8-bit data size is used by default to maintain compatibility with STM8S
devices.
/* --------------- Initialize SPI in Master mode -------------- */
SPI_Init(SPI_FIRSTBIT_MSB,
SPI_BAUDRATEPRESCALER_4,
SPI_MODE_MASTER,
SPI_CLOCKPOLARITY_LOW,
SPI_CLOCKPHASE_2EDGE,
SPI_DATADIRECTION_1LINE_TX,
SPI_NSS_SOFT,
0x07); /* CRC Polynomial */
/* ------------------------- Enable SPI ----------------------- */
SPI_Cmd(ENABLE);
/* ---------------------- SPI1 Master ------------------------- */
SPI_InitStructure.SPI_FirstBit = SPI_FirstBit_MSB;
SPI_InitStructure.SPI_BaudRatePrescaler = SPI_BaudRatePrescaler_4;
SPI_InitStructure.SPI_Mode = SPI_Mode_Master;
SPI_InitStructure.SPI_CPOL = SPI_CPOL_Low;
SPI_InitStructure.SPI_CPHA = SPI_CPHA_2Edge;
SPI_InitStructure.SPI_Direction = SPI_Direction_1Line_Tx;
SPI_InitStructure.SPI_NSS = SPI_NSS_Soft;
SPI_InitStructure.SPI_CRCPolynomial = 7;
SPI_InitStructure.SPI_DataSize = SPI_DataSize_8b;
SPI_Init(SPI1, &SPI_InitStructure);
/* ----------------------- Enable SPI1 ------------------------ */
SPI_Cmd(SPI1, ENABLE);
/* Private variables --------------------------------------- */
SPI_InitTypeDef SPI_InitStructure;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com