| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD6708GS bảng dữ liệu(PDF) 59 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6708GS bảng dữ liệu(HTML) 59 Page - NEC |
|
59 / 72 page ![]() 59 µPD6708 8.3.5 Master reception processing routine This processing routine is used when the master unit receive data, slave status and lock address after execution of the MREQ1 or MREQ2 command. One of four different routines is executed depending on the contents of the return code. (1) Processing in case of master reception start return code (4H) Start Mre ← 1 Read RDB Read RDB Read RDB Normal end Read slave address (higher 8 bits). Read slave address (lower 4 bits) and control bits. Read number of master receive data bytes. N3 ← Number of master receive data bytes Set master reception flag (Mre). |