| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2682 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2682 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 15 page ![]() AN2682 - Application note STR750 implementation example 11/15 4 STR750 implementation example 4.1 Hardware implementation The CPLD and STR750 SSP connections are illustrated in Figure 9. Figure 9. MAX3000A and STR750 SSP connections 4.2 STR750 firmware description For the STR750, the DMA is used instead of the interrupt method. That makes the software more simple and, since the DMA automatically transfers the data from peripheral to memory and from memory to peripheral there is no CPU load. The STR750 SSP peripheral is configured in SPI Motorola mode. TCLK TDI SCK TDO TMS VCCIO VCCIO VCCINT VCCINT Gnd Gnd Gnd Gnd Gnd R E Start CLK MISO MOSI SCLK Conf WSo SDo WSi SDi Gnd 32 7 38 13 15 35 3 23 10 17 22 30 36 42 44 1 43 2 4 5 6 8 9 11 12 14 16 3.3 V S0.MISO S0.MOSI S0.SCLK P2.19 32 81 77 76 78 31 P2.18 PWM1 I2S Audio device Left in HiZ input state Left in HiZ input state 1 2 3 4 5 6 7 8 9 10 TCLK Gnd TDO Vcc TMS TDI Gnd NC NC NC |