| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2645 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2645 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 36 page ![]() Block-by-block compatibility analysis AN2645 24/36 3.2.2 High-sink capability Most of the I/Os with high sink capability are in Ports C and D. The Access line family (STM8S10xx) has a greater number of high sink pins, which are also spread out in the other ports. See Table 19. 3.2.3 External interrupts In general only five ports (PA to PE) have external interrupts capability. However in the STM8S903x sub-family external interrupt capability with a dedicated interrupt vector for port PF is added. Table 19. Total number of high sink I/Os in each package Product family Package size LQFP80 (xxxM) LQFP64 (xxxR) LQFP48 (xxxC) LQFP44 (xxxS) LQFP32 (xxxK)(1) 1. Except STM8S103x and STM8S903x sub-families LQFP32 (STM8S103 & STM8S903) LQFP20 (xxxF) STM8S20xx 18 16 16 15 12 STM8S10xx 16 15 12 21 12 Table 20. Total number of external interrupt pins in each package LQFP80 (xxxM) LQFP64 (xxxR) LQFP48 (xxxC) LQFP44 (xxxS) LQFP32 (xxxK)(1) 1. Except STM8S103x and STM8S903x sub-families LQFP32 (STM8S103 & STM8S903) LQFP20 (xxxF) 37 36 36 31 23 27/26(2) 2. PF4 interrupt is available at STM8S903x sub-family only 16 |