công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS8PH10 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện SS8PH10
Giải thích chi tiết về linh kiện  High Current Density Surface Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS8PH10 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  SS8PH10 Datasheet HTML 1Page - Vishay Siliconix SS8PH10 Datasheet HTML 2Page - Vishay Siliconix SS8PH10 Datasheet HTML 3Page - Vishay Siliconix SS8PH10 Datasheet HTML 4Page - Vishay Siliconix SS8PH10 Datasheet HTML 5Page - Vishay Siliconix SS8PH10 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS8PH9, SS8PH10
www.vishay.com
Vishay General Semiconductor
Revision: 16-Jan-14
1
Document Number: 88989
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount
High Voltage Schottky Rectifier
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Guardring for overvoltage protection
• High barrier technology, TJ = 175 °C maximum
• Low leakage current
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode power
supplies, freewheeling diodes, DC/DC converters, or
polarity protection application.
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
PRIMARY CHARACTERISTICS
IF(AV)
8.0 A
VRRM
90 V, 100 V
IFSM
150 A
EAS
20 mJ
VF at IF = 8.0 A
0.720 V
IR
0.18 μA
TJ max.
175 °C
Package
TO-277A
Diode variations
Single
TO-277A (SMPC)
Anode 1
Anode 2
Cathode
K
K
2
1
eSMP® Series
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS8PH9
SS8PH10
UNIT
Device marking code
8H9
8H10
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Maximum average forward rectified current (fig. 1)
IF(AV)
8.0
A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Non-repetitive avalanche energy
at IAS = 2.0 A, TJ = 25 °C
EAS
20
mJ
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C


Số phần tương tự - SS8PH10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SS8PH10 VISHAY-SS8PH10 Datasheet
98Kb / 5P
High Current Density Surface Mount High Voltage Schottky Rectifier
28-Jun-11
SS8PH10 VISHAY-SS8PH10 Datasheet
109Kb / 5P
High Current Density Surface-Mount High Voltage Schottky Rectifier
24-Apr-2020
SS8PH10-M3-86A VISHAY-SS8PH10-M3-86A Datasheet
98Kb / 5P
High Current Density Surface Mount High Voltage Schottky Rectifier
28-Jun-11
SS8PH10-M3-87A VISHAY-SS8PH10-M3-87A Datasheet
98Kb / 5P
High Current Density Surface Mount High Voltage Schottky Rectifier
28-Jun-11
SS8PH10HM3-86A VISHAY-SS8PH10HM3-86A Datasheet
98Kb / 5P
High Current Density Surface Mount High Voltage Schottky Rectifier
28-Jun-11
More results

Mô tả tương tự - SS8PH10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
S4PG-M3 VISHAY-S4PG-M3 Datasheet
94Kb / 5P
High Current Density Surface Mount
05-Jul-12
logo
Bruckewell Technology L...
SS15P50 BWTECH-SS15P50 Datasheet
543Kb / 3P
High Current Density Surface Mount
SS10PU200 BWTECH-SS10PU200 Datasheet
618Kb / 2P
High Current Density Surface Mount
logo
Vishay Siliconix
SS2P3-M3 VISHAY-SS2P3-M3 Datasheet
87Kb / 4P
High Current Density Surface Mount High Current Density Surface Mount
02-Aug-13
SS3P3 VISHAY-SS3P3_15 Datasheet
87Kb / 4P
High Current Density Surface Mount Schottky Barrier Rectifiers
13-Apr-15
SS5P4 VISHAY-SS5P4_15 Datasheet
97Kb / 6P
High Current Density Surface Mount
02-Aug-13
SS5P10 VISHAY-SS5P10_15 Datasheet
96Kb / 6P
High Current Density Surface Mount
18-Jun-12
V15P45 VISHAY-V15P45_15 Datasheet
87Kb / 6P
High Current Density Surface Mount
12-Oct-12
V20PWM12 VISHAY-V20PWM12 Datasheet
120Kb / 5P
High Current Density Surface Mount
01-Jun-17
V10PWM10 VISHAY-V10PWM10 Datasheet
140Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.48 V at IF = 5 A
04-Mar-2021
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com