| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2504 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2504 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 14 page ![]() Output MOSFET protection AN2504 - Application note 12/14 8.2 External P-channel transistor If the load should be connected to the supply voltage during the output, OUT, assertion, an external P-channel transistor will be needed (see Figure 12). When the supply voltage VCC drops below the threshold of the voltage detector, the output signal, OUT, is asserted, the external P-channel MOSFET is switched on and connects the load to the supply voltage, VCC. Figure 12. Circuit with external P-channel transistor AI12913a RLOAD VCC VCC R VCC STM1061N OUT VSS |