| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2442 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2442 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 22 page ![]() AN2442 DMA unit 13/22 7. A DMA terminal count interrupt or a DMA error interrupt can be generated: DMA_ITConfig(DMA_Channelx, ENABLE); DMA_ITMaskConfig(DMA_Channelx, DMA_ITMask_ITC, ENABLE);/* TC int */ DMA_ITMaskConfig(DMA_Channelx, DMA_ITMask_IE, ENABLE);/*Error int*/ The following part of the code example shows how to configure the UART-TX DMA interface on channel0 with interrupt generation when DMA count reach 0. /******************* Example DMA Config ***********************/ /* No next linked list item*/ DMA_struct.DMA_Channel_LLstItm= 0; /* Source address of the DMA transfer */ DMA_struct.DMA_Channel_SrcAdd=(u32)(&TxBuffer0[0]); /* Destination address of DMA the transfer is UART Data reg*/ DMA_struct.DMA_Channel_DesAdd=(u32)(&UART0->DR); /* Source data width is Byte */ DMA_struct.DMA_Channel_SrcWidth= DMA_SrcWidth_Byte; /* Destination bus width is Byte */ DMA_struct.DMA_Channel_DesWidth= DMA_DesWidth_Byte; /* DMAC is The flow controller*/ DMA_struct.DMA_Channel_FlowCntrl=DMA_FlowCntrl1_DMA; /*The DMAC is triggered by the SSP_DMA_Transmit request.*/ DMA_struct.DMA_Channel_Des= DMA_DES_UART0_TX; /*Transfer size of 12 data */ DMA_struct.DMA_Channel_TrsfSize =12; /* Update the DMA channel0 registers with DMA_struct values */ DMA_Init(DMA_Channel0,&DMA_struct); /* Enable Source increment */ DMA_ChannelSRCIncConfig (DMA_Channel0, ENABLE); /*Enable the Terminal Count interrupt*/ DMA_ITConfig(DMA_Channel0, ENABLE); DMA_ITMaskConfig(DMA_Channel0, DMA_ITMask_ITC, ENABLE); /*Enable the DMA channel0*/ DMA_ChannelCmd (DMA_Channel0,ENABLE); |