| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2154 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2154 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 16 page ![]() AN2154 Space vector modulation theory 5/16 Figure 2. Space vector diagram Each one of the reference voltages V100, V110,… corresponds to one of the switching states reported in Table 1. In order to obtain sine wave voltages on the motor phases, a continuously rotating vector V must be produced so that one complete turn of the vector V on the complex plan represents one electrical turn of the motor (coincident with one mechanical turn in case of one pole pair motor). As it will be subsequently demonstrated, when linear modulation is applied, the circumference described by the rotating vector must stay inside the hexagon shown in Figure 2. The goal of space vector modulation is exactly to generate the appropriate PWM signals so that any vector V inside the hexagon can be produced by "time weighting" the two reference vectors that bound the sector in which V lies. Considering Figure 2, vector V can be expressed as: Equation 1 where Va and Vb, are respectively components of vector , with respect to and . As mentioned earlier, vectors and will be generated by applying respectively the reference vectors and for a well-defined percentage of PWM period T0. Therefore, by defining ta, tb and t0 as the permanency time of vectors, , and (or ) inside the PWM period, it is possible to write: Equation 2 with Equation 3 VV a V b + = V V 001 V 011 V a V b V 001 V 011 V 001 V011 V 111 V 000 VV a V b t a T 0 ------ V 001 t b T 0 ------V 011 t 0 T 0 ------ V 111orV000 () ++ ⋅ = + = t a V a V 001 ------------ T 0 ⋅ = |