công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD6465 bảng dữ liệu(PDF) 4 Page - NEC

tên linh kiện UPD6465
Giải thích chi tiết về linh kiện  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD6465 bảng dữ liệu(HTML) 4 Page - NEC

  UPD6465 Datasheet HTML 1Page - NEC UPD6465 Datasheet HTML 2Page - NEC UPD6465 Datasheet HTML 3Page - NEC UPD6465 Datasheet HTML 4Page - NEC UPD6465 Datasheet HTML 5Page - NEC UPD6465 Datasheet HTML 6Page - NEC UPD6465 Datasheet HTML 7Page - NEC UPD6465 Datasheet HTML 8Page - NEC UPD6465 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
µPD6464A,6465
4
PIN FUNCTIONS
No.
Symbol
Pin Name
1
CLK
Clock input
2
CS
Chip select input
3
DATA
Serial data input
4VDD
Power supply
5
OSCOUT
LC oscillation output
6
OSCIN
LC oscillation input
7
PCL
Power-ON clear
8
GND
Ground
9
FSCI
fSC signal input
10
FSCO
Frequency error output
11
XOSO
Quadruple oscillation output
12
XOSI
Quadruple oscillation input
13
VC
Character signal output
14
VBLK
Blanking signal output
15
HSYO
Horizontal synchronization signal
output
16
VSYO
Vertical synchronization signal
output
17
CSYIN
Composite synchronization signal
input
18
N. C.
Non connection
19
TEST
Test pin
20
NRE
Noise reduction constant append
21
VBSO
Composite video signal output
22
SECAM
SECAM subcarrier input
23
VCNT
Video signal output level adjust-
ment
24
VBSI
Composite video signal input
Function
Inputs clock for data read. Data input to the DATA pin is read at
the rising edge of the clock input to this pin.
Serial transfer can be acknowledged by making this CS pin low.
Inputs control data. Data is read in synchronization with the clock
input to the CLK pin.
Supplies power to the IC.
These are input and output pins of an oscillator that generates
dot clocks. Connect a coil and a capacitor to these pins for
oscillation.
Power-ON clear pin. Make this pin high on power application. It
initializes the internal circuitry of the IC.
Ground pin of the IC.
In case of the
×4 multiplier, the color sub-carrier (fSC) is input to
this pin. In case of the 4fSC Crystal oscillation, connect this pin to
GND or VDD.
The frequency error signal of the
×4 multiplier is output to this
pin. In case of the 4fSC Crystal oscillation, this pin should be
open.
A quadruple oscillation LC for internal video signal generation is
connected to these pins. A crystal oscillator can also be
connected.
Character signal output pin. Positive signal output.
This pin outputs a blanking signal that cuts the video signal. It
corresponds to the output of VC. Positive signal output.
Outputs a horizontal synchronization signal separated from a
composite synchronization signal.
Outputs a vertical synchronization signal separated from a
composite synchronization signal.
A composite synchronization signal is input to this pin for
synchronization signal separation. In case of the external signal
mode, input the signal certainly. Input a positive synchronization
signal.
Non connection. Leave this pin open.
Test mode select pin. Connect this pin to GND.
Constant append pin for noise reduction.
Outputs a composite video signal mixing a character signal.
SECAM sub-carrier signal mixing pin. In cases of any system
except for SECAM, this pin should be open.
Adjusts the output level of the composite video signal and
luminance signal.
Inputs a composite video signal. Inputs a signal with the leading
edge clamped, consisting of a negative synchronization signal
and a positive video signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52