công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC4403-2 bảng dữ liệu(PDF) 1 Page - Linear Technology

tên linh kiện LTC4403-2
Giải thích chi tiết về linh kiện  Multiband RF Power Controllers for EDGE/TDMA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC4403-2 bảng dữ liệu(HTML) 1 Page - Linear Technology

  LTC4403-2 Datasheet HTML 1Page - Linear Technology LTC4403-2 Datasheet HTML 2Page - Linear Technology LTC4403-2 Datasheet HTML 3Page - Linear Technology LTC4403-2 Datasheet HTML 4Page - Linear Technology LTC4403-2 Datasheet HTML 5Page - Linear Technology LTC4403-2 Datasheet HTML 6Page - Linear Technology LTC4403-2 Datasheet HTML 7Page - Linear Technology LTC4403-2 Datasheet HTML 8Page - Linear Technology LTC4403-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC4403-1/LTC4403-2
4403f
Multiband RF Power
Controllers for EDGE/TDMA
The LTC
®4403-2 is a multiband RF power controller for
RF power amplifiers operating in the 300MHz to 2.4GHz
range. The LTC4403-2 has two outputs to control dual TX
PA modules with two control inputs. An internal sample
and hold circuit enables the LTC4403-2 to be used with
AM modulation via the carrier or PA supply. The input
voltage range is optimized for operation from a single
lithium-ion cell or 3
× NiMH.
RF power is controlled by driving the RF amplifier power
control pins and sensing the resultant RF output power.
The RF sense voltage is peak detected using an on-chip
Schottky diode. This detected voltage is compared to the
DAC voltage at the PCTL pin to control the output power.
The LTC4403-1 is a single output RF power controller
with identical performance to the LTC4403-2. The
LTC4403-1 has one output to control a single TX PA or
dual TX PA module with a single control input and is
available in an 8-pin MSOP package.
Internal and external offsets are cancelled over tempera-
ture by an autozero control loop. The shutdown feature
disables the part and reduces the supply current to
<10
µA.
s
Supports AM Modulation in EDGE/TDMA (ANSI-136)
Applications
s
Single Output RF Power Amplifier Control
(LTC4403-1)
s
Dual Output RF Power Amplifier Control (LTC4403-2)
s
Internal Schottky Diode Detector with >40dB Range
s
Wide Input Frequency Range: 300MHz to 2.4GHz
s
Autozero Loop Cancels Offset Errors and
Temperature Dependent Offsets
s
Wide VIN Range: 2.7V to 6V
s
Allows Direct Connection to Battery
s
RF Output Power Set by External DAC
s
Internal Frequency Compensation
s
Rail-to-Rail Power Control Outputs
s
Low Operating Current: 1mA
s
Low Shutdown Current: < 10
µA
s
PCTL Input Filter
s
Available in a 8-Pin MSOP Package (LTC4403-1)
and 10-Pin MSOP (LTC4403-2)
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTC4403-2 Multiband EDGE Cellular Telephone Transmitter
s
Multiband GSM/GPRS/EDGE Cellular
Telephones
s
PCS Devices
s
Wireless Data Modems
s
U.S. TDMA Cellular Phones
VIN
BSEL
VHOLD
SHDN
PCTL
1
9
8
7
6
10
2
3
4
5
RF
VPCA
VPCB
GND
GND
LTC4403-2
0.4pF
± 0.05pF
Li-Ion
SHDN
BSEL
850MHz/
900MHz
DAC
RF PA
DIPLEXER
1.8GHz /
1.9GHz
RF PA
50
Ω
4403 TA01
VHOLD
0.1
µF
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Số phần tương tự - LTC4403-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC4403-2 LINER-LTC4403-2 Datasheet
194Kb / 12P
Multiband RF Power Controllers for EDGE/TDMA
LTC4403-2EMS LINER-LTC4403-2EMS Datasheet
194Kb / 12P
Multiband RF Power Controllers for EDGE/TDMA
More results

Mô tả tương tự - LTC4403-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
GSM Multiband RF Transceiver
December 1999
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
SINGLE CHIP MULTIBAND RF TRANSCEIVER
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
IS-136 Receive RF IC for TDMA and AMPS Applications
logo
Texas Instruments
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Synaptics Incorporated.
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
Transmit RF IC for TDMA or AMPS Applications
logo
Linear Technology
LTC4402-1 LINER-LTC4402-1 Datasheet
203Kb / 12P
Multiband RF Power Controllers for EDGE/TDMA
LTC4403-1 LINER-LTC4403-1 Datasheet
194Kb / 12P
Multiband RF Power Controllers for EDGE/TDMA
LTC4402-2 LINER-LTC4402-2_15 Datasheet
208Kb / 12P
Multiband RF Power Controllers for EDGE/TDMA
LTC4403-1 LINER-LTC4403-1_15 Datasheet
200Kb / 12P
Multiband RF Power Controllers for EDGE/TDMA
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
SINGLE-CHIP MULTIBAND RF TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com