công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC3428 bảng dữ liệu(PDF) 1 Page - Linear Technology

tên linh kiện LTC3428
Giải thích chi tiết về linh kiện  4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC3428 bảng dữ liệu(HTML) 1 Page - Linear Technology

  LTC3428 Datasheet HTML 1Page - Linear Technology LTC3428 Datasheet HTML 2Page - Linear Technology LTC3428 Datasheet HTML 3Page - Linear Technology LTC3428 Datasheet HTML 4Page - Linear Technology LTC3428 Datasheet HTML 5Page - Linear Technology LTC3428 Datasheet HTML 6Page - Linear Technology LTC3428 Datasheet HTML 7Page - Linear Technology LTC3428 Datasheet HTML 8Page - Linear Technology LTC3428 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3428
1
3428fb
TYPICAL APPLICATION
DESCRIPTION
4A, 2MHz Dual Phase
Step-Up DC/DC Converter
in 3mm × 3mm DFN
The LTC®3428 is a 2-phase, current mode boost con-
verter, capable of supplying 2A at 5V from a 3.3V input.
Two 93mΩ, 2A N-channel MOSFET switches allow the
LTC3428 to deliver high efficiency from input voltages as
low as 1.6V.
External parts count and size are minimized by a 1MHz
switching frequency and a 2-phase design. Two phase
operation significantly reduces peak inductor currents and
capacitor ripple current, doubling the effective switching
frequency and minimizing inductor and capacitor size.
External compensation allows the feedback loop response
to be optimized for a particular application.
Other features include: an active low shutdown pin re-
duces supply current to below 1μA, internal soft-start,
antiringing control and thermal shutdown. The LTC3428
is available in a low profile (0.75mm) 10-lead (3mm ×
3mm) DFN package.
3.3V to 5V at 2A Converter
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n High Efficiency: Up to 92%
n 2-Phase Control Reduces Output Voltage Ripple
n 5V at 2A from 3.3V Input
n 3.3V at 1.5A from 1.8V Input
n 1.6V to 5.25V Adjustable Output Voltage
n 1.6V to 4.5V Input Range
n Internal Soft-Start Operation
n Low Shutdown Current: <1μA
n Uses Small Surface Mount Components
n 10-Pin 3mm × 3mm DFN Package
n Networking Equipment
n Handheld Instruments
n Digital Cameras
n Distributed Power
n Local 3.3V to 5V Conversion
VOUT
SWA
SWB
FB
PGNDB
VIN
SHDN
VC
AGND
PGNDA
LTC3428
383k
121k
22μF****
22pF
10k
1000pF
4.7μF***
VIN
3.3V
VOUT
5V/2A
3428 TA01
2.2μH*
2.2μH*
OFF ON
TOKO FDV06302R2
PHILIPS PMEG1020
TAIYO YUDEN X5R JMK212BJ475MD
TAIYO YUDEN X5R JMK316BJ226ML
*
**
***
****
**
**
LOAD CURRENT (A)
0.1
95
90
85
80
75
70
65
60
55
50
45
12
3428 TA02
VIN = 3.3V
VOUT = 5V
L = 2.2μH
Efficiency vs Load Current


Số phần tương tự - LTC3428

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC3428 LINER-LTC3428 Datasheet
213Kb / 12P
4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
logo
Analog Devices
LTC3428 AD-LTC3428 Datasheet
808Kb / 29P
8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
Rev B
logo
Linear Technology
LTC3428EDD LINER-LTC3428EDD Datasheet
213Kb / 12P
4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
More results

Mô tả tương tự - LTC3428

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC3428 LINER-LTC3428 Datasheet
213Kb / 12P
4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
Low Voltage 2MHz Step-Up DC/DC Converter
logo
Linear Technology
LTC3529 LINER-LTC3529_15 Datasheet
216Kb / 12P
1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
1A, 2MHz Synchronous Step-Up DC/DC Converter
LTC3528B-2 LINER-LTC3528B-2_15 Datasheet
317Kb / 18P
1A, 2MHz Synchronous Step-Up DC/DC Converter
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
37V/1.2A Step-Down Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com