công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN1957 bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện AN1957
Giải thích chi tiết về linh kiện  Microprocessor Supervisor Functions
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1957 bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button AN1957 Datasheet HTML 9Page - STMicroelectronics AN1957 Datasheet HTML 10Page - STMicroelectronics AN1957 Datasheet HTML 11Page - STMicroelectronics AN1957 Datasheet HTML 12Page - STMicroelectronics AN1957 Datasheet HTML 13Page - STMicroelectronics AN1957 Datasheet HTML 14Page - STMicroelectronics AN1957 Datasheet HTML 15Page - STMicroelectronics AN1957 Datasheet HTML 16Page - STMicroelectronics AN1957 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13/22
AN1957 - APPLICATION NOTE
BATTERY SWITCHOVER
A common task of battery switchover devices is to provide an uninterrupted power supply to external de-
vices in the event of voltage drops and brownouts.
Battery switchover devices can also be useful in portable devices. When the external power supply (such
as the AC power supply adapter) is disconnected, the battery switchover device switches to the internal
supply (such as a battery).
The use of a battery switchover has the following advantages:
■
providing continuous and reliable service, even if the external supply fails
■
extending the battery lifetime
■
debouncing the power spikes occurring while connecting and disconnecting the AC adapter.
Battery switchover devices can be used as a main power supply backup for MCUs, memories and other
peripherals, and to prevent system failures (see Figure 10.).
Diode-OR connections are often used as an equivalent solution. However the diode voltage drop repre-
sents a large percentage of the battery voltage, and power supply spikes are not filtered. With an ST Su-
pervisor, the device is supplied from the main power supply as long as the voltage is high enough, even
if the battery voltage is greater than the power supply voltage, which saves the battery and extends its
lifetime.
Instead of a backup battery it is also possible to use a backup capacitor. Recommended capacitor values
start from 0.1F.
The battery switchover device monitors the power supply voltage, VCC, which is compared to the refer-
ence voltage, VSO, as shown in Figure 11. If VCC drops too low, the VOUT output is switched to the battery
voltage, VBAT. The comparator includes hysteresis for noise immunity purposes.
Figure 10. Block Diagram of a Battery switchover Device
VSO
VBAT
VCC
VOUT
ai10113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com