| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1828 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1828 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 17 page ![]() 16/17 PIR (PASSIVE INFRARED) DETECTOR USING ST7FLITE05/09/SUPERLITE 5 SUPERLITE COMPATIBILITY The firmware is compatible with Superlite if software-SCI transmission is not required. You can use ST7Lite05/09 for testing and if any other feature is to be added. For production purposes, low cost Superlite device can be used. To make the firmware compatible with Superlite, (I) Enable “#define SUPERLITE” in main.h. (II) Modify the configuration file (MAK file) accordingly. The software contains a separate PRM file for Superlite. 6 RELATED DOCUMENTS 1. ST6 AN434 -Human movement detecting concept 2. ST7LITE05 Datasheet 3. AN1827 - Implementation of Sigma-Delta ADC with ST7FLITE05 /09 |