| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1776 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1776 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 13 page ![]() 11/13 INTERRUPT HANDLING FOR STR7 MICROCONTROLLERS EIC_INIT LDR r3, =EIC_Base_addr ; Read the EIC base address LDR r4, =0xE59F0000 ; Read the MSB of the LDR pc,[pc,#offset] opcode STR r4, [r3, #IVR_off_addr]; Write the MSB of the LDR pc,[pc,#offset] ; instruction code in IVR[31:16] ; The LDR pc,[pc,#offset] opcode ; is : 0xE59FFxxx, with xxx the ; offset to the address pointing ; the interrupt handler. ; the LSB (Fxxx) will be computed and ; placed in to SIRn[31:16] registers LDR r5, =SIR0_off_addr ; Read SIR0 address LDR r0, =T0TIMI_Addr ; Read the start address of the IRQs ; address table. The IRQ handlers ; located ibelow the exception vectors, ; All addresses are 32bit long LDR r1, =0x00000FFF AND r0,r0,r1 SUB r4,r0,#8 ; subtract 8 for prefetch, LDR r1, =0xF7E8 ; add the offset to the 0x00000000 ; address(IVR address + 7E8 = 0x00000000) ; 0xFxxx used to complete the ; LDR pc,[pc,#offset] opcode LDR r2, =32 ; 32 Channel to initialize ADD r1,r4,r1 ; compute the jump offset EIC_INI MOV r4, r1, LSL #16 ; Left shift the result STR r4, [r3, r5] ; Store the result in SIRx register ADD r1, r1, #4 ; Next IRQ address ADD r5, r5, #4 ; Next SIR SUBS r2, r2, #1 ; Decrement the number of SIR registers ; to initialize BNE EIC_INI ; If more then continue ... Note: In order to run the examples attached to this application note, the STR71x RAM should be mapped to address 0x00000000. |