công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD6376 bảng dữ liệu(PDF) 7 Page - NEC

tên linh kiện UPD6376
Giải thích chi tiết về linh kiện  AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD6376 bảng dữ liệu(HTML) 7 Page - NEC

Back Button UPD6376 Datasheet HTML 3Page - NEC UPD6376 Datasheet HTML 4Page - NEC UPD6376 Datasheet HTML 5Page - NEC UPD6376 Datasheet HTML 6Page - NEC UPD6376 Datasheet HTML 7Page - NEC UPD6376 Datasheet HTML 8Page - NEC UPD6376 Datasheet HTML 9Page - NEC UPD6376 Datasheet HTML 10Page - NEC UPD6376 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
µPD6376
7
2.2 Supplying Clock to CLK only during Sample Data Interval
The analog outputs of the L.OUT and R.OUT pins are updated after the input of 4.5 clocks following data input.
(See 4. ELECTRICAL CHARACTERISTICS, Timing Charts 1 and 2.)
2.2.1 Inputting serial data (Pin 1 Low or Open)
Place the LRCK reverse timing between the falling edge of CLK at LSB input completion (Point A in Figure 2-3)
and the next MSB input start time (Point B in Figure 2-3) (so as to include Points A and B).
Figure 2-3 Timing Chart of Serial Data Input
A
AB
B
1-sample data interval
LRCK reverse interval
LRCK reverse interval
LSB
CLK
SI
LRCK
16
12
34
12
34
5
6789 10 11 12 13 14 15 16
MSB
LSB
MSB
2.2.2 Inputting parallel data (Pin 1 High)
Place the WDCK falling edge timing between the falling edge of CLK at LSB input completion (Point A in Figure
2-4) and the next MSB input start time (Point B in Figure 2-4) (so as to include Points A and B).
Place the WDCK rising edge timing between the third falling edge of CLK from MSB input completion (Point C in
Figure 2-4) and the falling edge of CLK upon LSB input start (Point D in Figure 2-4) (so as to include Points C and
D).
Figure 2-4 Timing Chart of Parallel Data Input
A
AB
BC
D
WDCK falling
edge interval
WDCK falling
edge interval
WDCK rising edge interval
LSB
CLK
LSI
RSI
WDCK
16
12
34
12
5
6789 10 11 12 13 14 15 16
MSB
LSB
MSB
LSB
16
12
34
12
5
6789 10 11 12 13 14 15 16
MSB
LSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20