công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC3216 bảng dữ liệu(PDF) 3 Page - Linear Technology

tên linh kiện LTC3216
Giải thích chi tiết về linh kiện  1A Low Noise High Current LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC3216 bảng dữ liệu(HTML) 3 Page - Linear Technology

  LTC3216_15 Datasheet HTML 1Page - Linear Technology LTC3216_15 Datasheet HTML 2Page - Linear Technology LTC3216_15 Datasheet HTML 3Page - Linear Technology LTC3216_15 Datasheet HTML 4Page - Linear Technology LTC3216_15 Datasheet HTML 5Page - Linear Technology LTC3216_15 Datasheet HTML 6Page - Linear Technology LTC3216_15 Datasheet HTML 7Page - Linear Technology LTC3216_15 Datasheet HTML 8Page - Linear Technology LTC3216_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3216
3
3216fc
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Based on long-term current density limitations. Assumes an
operating duty cycle of ≤ 10% under absolute maximum conditions for
durations less than 10 seconds. Max current for continuous operation is
500mA.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, CIN = C1 = C2 = 2.2μF, CCPO = 4.7μF.
Note 3: The LTC3216E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
ILED Dropout Voltage
vs LED Current
ILED Pin Current
vs ILED Pin Voltage
ILED vs RSET
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
2x Mode Output Impedance
VIN = 3.2V, VCPO < 5.1V, C1 = C2 = 2.2μF
1.7
Ω
CLK Frequency
0.6
0.9
1.2
MHz
CPO Short-Circuit Detection
Threshold Voltage
EN1/EN2 = High
0.5
1.5
V
Test Current
EN1 = EN2 = Low, VCPO = 0V
10
30
mA
EN1, EN2
High Level Input Voltage (VIH)
1.4
V
Low Level Input Voltage (VIL)
0.4
V
Input Current (IIH)
–1
1
μA
Input Current (IIL)
–1
1
μA
ISET1, ISET2
VISET1, VISET2
ISETX = 50μA
1.195
1.22
1.245
V
IISET1, IISET2
321
μA
LED CURRENT (mA)
0
200
400
800
600
1000
3216 G01
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VIN = 3.6V
ILED PIN VOLTAGE (V)
0
600
500
400
300
200
100
0
0.2
0.4
0.6
0.8
3216 G02
1.0
ILED = 500mA
400mA
300mA
200mA
100mA
RSET (kΩ)
1573 G03
1200
1000
800
600
400
200
0
0
10
20
25
515
30
35
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com