| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1602 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1602 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 21 page ![]() 4/21 16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs Figure 4. Input Capture Configuration Figure 5 shows the steps that have to be followed to successfully measure the length of a pulse in 16-bit accuracy. Figure 5. Input Capture Sequence 1.1.2.2 Example of input capture interrupt routine .Inp_Cap_Routine ; Btjt ARTICCSR,#0,Flag1 ; Test If is ICAP(1 Or 2) .Flag2 Ld A , ARTICR2 ; Latch the Input Cap Reg into Ld IcapReg2 , A; IcapReg2 Ld A , ARTICCSR ; Clear Interrupt ARTIC1 ARTIC2 External Signal ST7262 Input capture interrupt No YES ICAP1 ICAP2 - Configure Time clock frequency - Select edge sensitivity on ICAP pins - Cascade PWMART & TBU - Store the TBU counter Value (Compensated value) in PulseStartHR - Store the ICRx Value in PulseStartLR - Store the TBU counter Value (Compensated value) in PulseEndHR - Store the ICRx Value in PulseEndLR ICAP1 Or ICAP2 1 |