| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1048D bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1048D bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 21 page ![]() Example of a quadruplex LCD with ST72F321B AN1048 12/21 Figure 8. Hardware Connection Diagram The LCD Timing is generated by the TimerA output compare interrupt. Each cycle consists of four phases, one for each backplane. Each COM line generates its waveform during the corresponding phase e.g. COM1 line during phase1. During other phases it remains at level VDD/2. Each phase consists of two parts: 1. Active time 2. Dead time During the Active time, the segment lines and COM lines are used to drive the LCD. During dead time Segment and COM lines are used to tune the contrast. Vcc PC0-C3 PA0-A5 PB0-B7 PD0-D7 PF0-F7 Common Lines Segment Lines LCD GLASS ST72F321B 6 8 8 8 Network Resistors 56K 56K PE6-E7 2 |