công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN1048 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện AN1048
Giải thích chi tiết về linh kiện  ST7 software LCD driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1048 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button AN1048 Datasheet HTML 8Page - STMicroelectronics AN1048 Datasheet HTML 9Page - STMicroelectronics AN1048 Datasheet HTML 10Page - STMicroelectronics AN1048 Datasheet HTML 11Page - STMicroelectronics AN1048 Datasheet HTML 12Page - STMicroelectronics AN1048 Datasheet HTML 13Page - STMicroelectronics AN1048 Datasheet HTML 14Page - STMicroelectronics AN1048 Datasheet HTML 15Page - STMicroelectronics AN1048 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Example of a quadruplex LCD with ST72F321B
AN1048
12/21
Figure 8.
Hardware Connection Diagram
The LCD Timing is generated by the TimerA output compare interrupt. Each cycle consists
of four phases, one for each backplane. Each COM line generates its waveform during the
corresponding phase e.g. COM1 line during phase1. During other phases it remains at level
VDD/2. Each phase consists of two parts:
1. Active time
2. Dead time
During the Active time, the segment lines and COM lines are used to drive the LCD. During
dead time Segment and COM lines are used to tune the contrast.
Vcc
PC0-C3
PA0-A5
PB0-B7
PD0-D7
PF0-F7
Common Lines
Segment Lines
LCD GLASS
ST72F321B
6
8
8
8
Network Resistors
56K
56K
PE6-E7
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21