| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD6134GS bảng dữ liệu(PDF) 19 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6134GS bảng dữ liệu(HTML) 19 Page - NEC |
|
19 / 64 page ![]() 19 µPD6133, 6134 Data Sheet U10454EJ6V0DS00 4. TIMER 4.1 Timer Configuration The timer is the block used for creating a remote control transmission pattern. As shown in Figure 4-1, it consists of a 9-bit down counter (t8 to t0), a flag (t9) permitting the 1-bit timer output, and a zero detecting circuit. Figure 4-1. Timer Configuration S1/LED REM Carrier synchronous circuit Bit 2 of control register 0 (P3) Carrier signal Zero detecting circuit 9-bit down counter t9 t8 t7 t6 t5 t4 t3 t2 t1 t0 T T1 Bit 3 of control register 0 (P3) fX/8 fX/16 Timer operation end signal (HALT # ×101B release signal) Count clock T0 |