| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC1344 bảng dữ liệu(PDF) 1 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1344 bảng dữ liệu(HTML) 1 Page - Linear Technology |
|
1 / 12 page ![]() 1 LTC1344 Software-Selectable Cable Terminator s Software-Selectable Cable Termination for: RS232 (V.28) RS423 (V.10) RS422 (V.11) RS485 RS449 EIA530 EIA530-A V.35 V.36 X.21 s Outputs Won’t Load the Line with Power Off The LTC ®1344 features six software-selectable multiprotocol cable terminators. Each terminator can be configured as an RS422 (V.11) 100 Ω minimum differen- tial load, V.35 T-network load or an open circuit for use with RS232 (V.28) or RS423 (V.10) transceivers that provide their own termination. When combined with the LTC1343, the LTC1344 forms a complete software-select- able multiprotocol serial port. A data bus latch feature allows sharing of the select lines between multiple inter- face ports. The LTC1344 is available in a 24-lead SSOP. Daisy-Chained Control Outputs s Data Networking s CSU and DSU s Data Routers , LTC and LT are registered trademarks of Linear Technology Corporation. D2 LTC1343 RTS DTR DSR DCD CTS RL D1 D3 D4 R1 R3 R4 R2 D2 LTC1343 LL TXD SCTE TXC RXC RXD TM 18 2 14 24 11 15 12 17 9 3 1 4 19 20 23 6 22 8 10 5 13 21 7 16 25 1344 TA01 DB-25 CONNECTOR LTC1344 D1 D3 D4 R1 R3 R4 R2 FEATURES DESCRIPTIO APPLICATIO S TYPICAL APPLICATION |
Số phần tương tự - LTC1344 |
|
Mô tả tương tự - LTC1344 |