công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC1287 bảng dữ liệu(PDF) 9 Page - Linear Technology

tên linh kiện LTC1287
Giải thích chi tiết về linh kiện  3V Single Chip 12-Bit Data Acquisition System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC1287 bảng dữ liệu(HTML) 9 Page - Linear Technology

Back Button LTC1287 Datasheet HTML 5Page - Linear Technology LTC1287 Datasheet HTML 6Page - Linear Technology LTC1287 Datasheet HTML 7Page - Linear Technology LTC1287 Datasheet HTML 8Page - Linear Technology LTC1287 Datasheet HTML 9Page - Linear Technology LTC1287 Datasheet HTML 10Page - Linear Technology LTC1287 Datasheet HTML 11Page - Linear Technology LTC1287 Datasheet HTML 12Page - Linear Technology LTC1287 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1287
9
1287fa
S
APPLICATI
I FOR ATIO
such as obtained from a voltage regulator (e.g., LT1117).
For high frequency bypassing a 0.1
µF ceramic disk placed
in parallel with the 22
µF is recommended. Again the leads
should be kept to a minimum. Using a battery to power the
LTC1287 will help reduce the amount of bypass capacitance
required on the VCC pin. A battery placed close to the
device will only require 10
µF to adequately bypass the
supply pin. Figure 4 shows the effect of poor VCCbypassing.
Figure 5 shows the settling of a LT1117 low dropout
regulator with a 22
µF bypass capacitor. The noise and
ripple is kept around 0.5mV. Figure 6 shows the response
of a lithium battery with a 10
µF bypass capacitor. The
noise and ripple is kept below 0.5mV.
Analog Inputs
Because of the capacitive redistribution A/D conversion
techniques used, the analog inputs of the LTC1287 have
Figure 5. LT1117 Regulator with 22
µF Bypassing on VCC
CS
5V/DIV
VCC
0.5mV/DIV
HORIZONTAL: 20
µs/DIV
Figure 6. Lithium Battery with 10
µF Bypassing on VCC
CS
5V/DIV
VCC
0.5mV/DIV
HORIZONTAL: 20
µs/DIV
capacitive switching input current spikes. These current
spikes settle quickly and do not cause a problem. If large
source resistances are used or if slow settling op amps
drive the inputs, take care to insure the transients caused
by the current spikes settle completely before the
conversion begins.
Source Resistance
The analog inputs of the LTC1287 look like a 100pF
capacitor (CIN) in series with a 1.5k resistor (RON). This
value for RON is for VCC = 2.7V. With larger supply voltages
RON will be reduced. For example, with VCC = 2.7V and V –
= – 2.7V, RON becomes 500Ω. CIN gets switched between
(+) and (–) inputs once during each conversion cycle.
Large external source resistors and capacitances will slow
the settling of the inputs. It is important that the overall RC
time constant is short enough to allow the analog inputs
to settle completely within the allowed time.
Figure 7. Analog Input Equivalent Circuit
HORIZONTAL: 10
µs/DIV
Figure 4. Poor VCC Bypassing. Noise and
Ripple Can Cause A/D Errors
CS
↑
RON = 1.5k
tWHCS +
1/2 CLK
CIN =
100pF
LTC1287
“+”
INPUT
RSOURCE +
VIN +
C1
“–”
INPUT
RSOURCE –
VIN –
C2
LTC1287 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com