công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN863 bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện AN863
Giải thích chi tiết về linh kiện  Improved sensorless control with the ST62 MCU for universal motor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN863 bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button AN863 Datasheet HTML 11Page - STMicroelectronics AN863 Datasheet HTML 12Page - STMicroelectronics AN863 Datasheet HTML 13Page - STMicroelectronics AN863 Datasheet HTML 14Page - STMicroelectronics AN863 Datasheet HTML 15Page - STMicroelectronics AN863 Datasheet HTML 16Page - STMicroelectronics AN863 Datasheet HTML 17Page - STMicroelectronics AN863 Datasheet HTML 18Page - STMicroelectronics AN863 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15/22
IMPROVED SENSORLESS CONTROL WITH THE ST62 MCU FOR UNIVERSAL MOTOR
7 REFERENCES
[1] Power control with triacs and ST6210 MCU
AN392 - P. Rabier and L. Perier (SGS-THOMSON Microelectronics)
[2] Digital control for brush DC motor
T. Castagnet and J. Nicolai (SGS-THOMSON Microelectronics)
PCIM Nuremberg, June 93
[3] Sensorless motor drive with the ST62 MCU + TRIAC
AN416 - T. Castagnet (SGS-THOMSON Microelectronics)
8 ANNEX
ANNEX 1
MOTOR CURRENT CALCULATION
The motor voltage equation is: v(t) = (k.
Ω + r) i(t) + L di/dt
v(t) = 0 while the triac is off (before turn on at time td, and after the turn off caused
by the motor current reaching 0)
v(t) = V0 .sin
ωt while the triac is on
The solution to the differential equation is:
i(t) = 0 while the triac is off
While the triac is on:
If we neglect the inductance L: i(t) = V0 sin
ωt / (k.Ω + r)
If we do not neglect the inductance:
i(t) = - exp(-A(t-td)/L) [ B sin
ωtd + C cos ωtd] + B sin ωt + C cos ωt
with:
A = k.
Ω + r
B = AV0 / (A ² + L²
ω²)
C = - L
ω V0 / (A ² + L² ω²)
td = triac firing delay measured from mains zero-crossing
Figure 10 is a plot of i(t0) versus td at constant speed. Modifying the speed parameter
generates a family of curves. In Figure 11, t0 equals 10 mS: the current i(t0) is meas-
ured at the mains voltage zero crossing.
Figure 11 is a plot of i(t) versus t at constant speed. Modifying the parameter td (triac
firing delay) generates a family of curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22